Part Number Hot Search : 
SL5001P 1N6314 BR10100 SGW10N60 WOSD05 07910 R6030 AMG8852
Product Description
Full Text Search
 

To Download SD103BWS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
SD103AWS - SD103CWS
Pb
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
! ! ! Low Turn-on Voltage A
SOD-323 Dim Min 2.30 1.75 1.15 0.25 0.05 0.70 0.30 Max 2.70 1.95 1.35 0.35 0.15 0.95 -- A B C D
Fast Switching PN Junction Guard Ring for Transient and ESD Protection ! Designed for Surface Mount Application C ! Plastic Material - UL Recognition Flammability Classification 94V-O E
D B G
Mechanical Data
! ! ! ! ! Case: SOD-323, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 0.004 grams (approx.) Marking: SD103AWS S6 SD103BWS S7 SD103CWS S8 Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
@TA=25C unless otherwise specified
E G H
All Dimensions in mm
H
!
Maximum Ratings
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current Power Dissipation (Note 1) Typical Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range @ t < 1.0s
Symbol VRRM VRWM VR IF IFSM Pd RJA Tj, TSTG
SD103AWS
SD103BWS
SD103CWS
Unit
40
30 350 2.0 200 625 -55 to +125
20
V mA A mW C/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage
@TA=25C unless otherwise specified
Symbol SD103AWS SD103BWS SD103CWS V(BR)R
All Types 40 30 20 0.37 0.60 5.0 50 10
Unit V
Test Condition @ IR = 10A, tp < 300S @ IF = 20mA @ IF = 200mA @ Rated DC Blocking Voltage VR = 0V, f = 1.0MHz IF = IR = 200mA IRR = 0.1 x IR, RL = 100
Forward Voltage Drop Peak Reverse Leakage Current Typical Junction Capacitance Typical Reverse Recovery Time
VFM IRM Cj trr
V A pF nS
Note: 1. Valid provided that terminals are kept at ambient temperature. SD103AWS - SD103CWS 1 of 4 (c) 2006 Won-Top Electronics
1000
100
IF, FORWARD CURRENT (mA)
100
Cj, CAPACITANCE (pF)
0 0.5 VF, FORWARD VOLTAGE (V) Fig. 1 Typical Forward Characteristics 1.0
10
10
1.0
1.0
0.10
0.01
0.1 0 10 20 30 40 VR, REVERSE VOLTAGE (V) Fig. 2 Typ. Junction Capacitance vs Reverse Voltage
SD103AWS - SD103CWS
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
RECOMMENDED FOOTPRINT
0.025 (0.63)
Sx
Cathode Sx x = Polarity Band = Device Code = 6 (SD103AWS) = 7 (SD103BWS) = 8 (SD103CWS)
0.063 (1.60)
0.033 (0.83)
inches(mm)
PACKAGING INFORMATION
TAPE & REEL
Inspection Hole Direction of Unreeling
4mm 178mm 8mm
4mm 8mm Product ID Label 1.6mm
Reel Diameter (mm) 178
Quantity (PCS) 5,000
Inner Box Size L x W x H (mm) 187 x 187 x 65
Quantity (PCS) 25,000
Carton Size L x W x H (mm) 390 x 240 x 420
Quantity (PCS) 250,000
Approx. Gross Weight (KG) 10.0
Note: 1. Anti-static plastic reel, white, water clear or blue color. Inspection hole might be varied in different alignment. 2. Components are packed in accordance with EIA standard 481-1 and 481-2.
SD103AWS - SD103CWS
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
SD103AWS-T1 SD103BWS-T1 SD103CWS-T1
1. 2.
Package Type
SOD-323 SOD-323 SOD-323
Shipping Quantity
5000/Tape & Reel 5000/Tape & Reel 5000/Tape & Reel
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, SD103AWS-T1-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
SD103AWS - SD103CWS
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of SD103BWS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X